|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series * Feature: 1. High brightness surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering. * Package Dimension: Recommended Solder Pad V.4 Page: 1 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. * AlInGaP DOMILED BL-PDx-xJS Series Optical Characteristics: Part Number Chip Technology / Color AlInGaP Hyper-red, 640nm Viewing Angle 120 BL-PDH-CJS-C10 * * * * BIN P1 BIN P2 BIN Q1 BIN Q2 Luminous Intensity @ IF=20mA Iv (mcd) 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 BL-PDS-CJS-C10 * * * * BIN Q1 BIN Q2 BIN R1 BIN R2 AlInGaP Super-red, 632nm 120 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 BL-PDS-SJS-C10 * * * * BIN Q1 BIN Q2 BIN R1 BIN R2 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 BL-PDR-CJS-C10 * * * * BIN R1 BIN R2 BIN S1 BIN S2 AlInGaP Red, 625nm 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 BL-PDR-SJS-C10 * * * * * * * * * * * * BIN R1 BIN R2 BIN S1 BIN S2 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 BL-PDR-TJS-C10 BIN T1 BIN T2 BIN U1 BIN U2 TS AlInGaP Red, 625nm 120 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0 BL-PDA-CJS-C10 BIN R1 BIN R2 BIN S1 BIN S2 AlInGaP Amber, 615nm 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 BL-PDA-SJS-C10 * * * * * * * * BIN S1 BIN S2 BIN T1 BIN T2 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 BL-PDA-TJS-C10 BIN T1 BIN T2 BIN U1 BIN U2 TS AlInGaP Amber, 615nm 120 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0 V.4 Page: 2 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series Chip Technology / Color AlInGaP Orange, 605nm Part Number BL-PDO-CJS-C10 * * * * BIN R1 BIN R2 BIN S1 BIN S2 Viewing Angle 120 Luminous Intensity @ IF=20mA Iv (mcd) 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 BL-PDO-SJS-C10 * * * * BIN S1 BIN S2 BIN T1 BIN T2 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 BL-PDY-CJS-C10 * * * * BIN R1 BIN R2 BIN S1 BIN S2 AlInGaP Yellow, 587nm 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 BL-PDY-SJS-C10 * * * * BIN S1 BIN S2 BIN T1 BIN T2 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 BL-PDY-TJS-C10 * * * * BIN T1 BIN T2 BIN U1 BIN U2 TS AlInGaP Yellow, 590nm 120 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0 BL-PDG-CJS-C10 * * * * BIN P1 BIN P2 BIN Q1 BIN Q2 AlInGaP Green, 572nm 120 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 BL-PDG-SJS-C10 * * * * BIN Q1 BIN Q2 BIN R1 BIN R2 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 Note: 1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table. V.4 Page: 3 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series * Absolute Maximum Ratings: Maximum Value 30 1000 5 125 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) * Vf Binning: Vf Bin @ 20mA Standard 01 02 03 04 Forward Voltage (V) 1.55 ... 2.45 (max) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.75 Forward voltage, Vf is measured with an accuracy of 0.1 V. V.4 Page: 4 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series * Wavelength Grouping: Color BL-PDH; Hyper-red BL-PDS; Super-red BL-PDR-CJ, -SJ; Red (AS) BL-PDR-TJ; Red (TS) BL-PDA; Amber Group Full Full Full Full Full W X Wavelength distribution (nm) 636 - 646 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 BL-PDO; Orange Full W X Y Z BL-PDY; Yellow Full W X Y Z BL-PDG; Green Full W X Y Z Wavelength is measured with an accuracy of 1 nm. V.4 Page: 5 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. * AlInGaP DOMILED BL-PDx-xJS Series Typical electro-optical characteristics curves: Fig.2 Forward current vs. forward voltage. Fig.1 Relative luminous intensity vs. forward current. Intensity vs. DC Forward Current 35 Forward Current (mA) vs. Forward Voltage Relative intensity. Normalized at 20 mA. 2.2 2 30 Forward Current (mA) 25 AS AlInGaP 20 15 TS AlInGaP 10 5 0 0 10 20 30 40 50 60 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 FORWARD CURRENT (mA) 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 Forward Voltage (V) Fig.3 Radiation pattern. 30 20 10 0 1.0 35 Fig.4 Maximum forward current vs. temperature. 30 40 0.8 25 50 0.6 Forward Current, If 20 15 60 70 80 90 0.4 10 0.2 5 0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature Fig.5 Relative Intensity vs. Wavelength Relative Spectra Emission 1.0 0.9 Or ange 0.8 Amber 0.7 Red 0.6 Gr een 0.5 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700 750 800 Hyper Red Super Red Wa v e l e n gt h ( nm ) V.4 Page: 6 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series Fig.6 Recommended IR-reflow Soldering Profile (acc. to IPC 9501). Classification Reflow Profile (JEDEC J-STD-020B) 275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10 30s Temperature (oC) 200 175 150 125 100 75 50 25 0 183 C o Rampdown Preheat 60360s max 50 100 150 200 Time (sec) Fig.7 Recommended TTW Soldering Profile (acc. to CECC 00802). V.4 Page: 7 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGaP DOMILED BL-PDx-xJS Series * Taping And Orientation: Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively V.4 Page: 8 of 8 |
Price & Availability of BL-PDS-CJS-C10 |